PART |
Description |
Maker |
STP25NM60N STB25NM60N STB25NM60N-1 STF25NM60N STW2 |
From old datasheet system N-CHANNEL Power MOSFET N-CHANNEL 600V 0.140-20A TO-220/FP/DAK/TO-247 SECOND GENERATION MDmesh MOSFET N沟道600V.140 - 20A型TO-220/FP/DAK/TO-247 MOSFET的第二代MDmesh
|
http:// STMICROELECTRONICS[STMicroelectronics] ST Microelectronics 意法半导 STMicroelectronics N.V.
|
STB15NM60N STI15NM60N STP15NM60N STF/I15NM60N STF1 |
N-channel 600V - 0.270ヘ - 14A - D2/I2PAK - TO-220/FP - TO-247 Second generation MDmesh⑩ Power MOSFET N-channel 600V - 0.270Ω - 14A - D2/I2PAK - TO-220/FP - TO-247 Second generation MDmesh Power MOSFET N-channel 600V - 0.270Ω - 14A - D2/I2PAK - TO-220/FP - TO-247 Second generation MDmesh?/a> Power MOSFET N-channel 600V - 0.270楼? - 14A - D2/I2PAK - TO-220/FP - TO-247 Second generation MDmesh垄芒 Power MOSFET
|
STMicroelectronics
|
STI30NM60N STW30NM60N STF30NM60N STP30NM60N STB30N |
25 A, 600 V, 0.13 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AC N-channel 600 V, 0.1 ヘ, 25 A, MDmesh⑩ II Power MOSFET TO-220, TO-220FP, TO-247, D2PAK, I2PAK N-channel 600 V, 0.1 楼?, 25 A, MDmesh垄芒 II Power MOSFET TO-220, TO-220FP, TO-247, D2PAK, I2PAK N-channel 600 V, 0.1 Ω, 25 A, MDmesh II Power MOSFET TO-220, TO-220FP, TO-247, D2PAK, I2PAK N-channel 600 V, 0.1 Ω, 25 A, MDmesh?/a> II Power MOSFET TO-220, TO-220FP, TO-247, D2PAK, I2PAK
|
STMicroelectronics
|
STP10NK60Z STP10NK60ZFP STB10NK60Z STB10NK60Z-1 ST |
N-CHANNEL 600V-0.65ohm-10A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH?┬ower MOSFET N-CHANNEL 600V-0.65ohm-10A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH⑩Power MOSFET N沟道600V.65ohm - 10A条TO-220/FP/D2PAK/I2PAK/TO-247齐纳保护SuperMESH⑩功率MOSFET N-CHANNEL Power MOSFET N-CHANNEL 600V-0.65ohm-10A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESHPower MOSFET N-CHANNEL 600V - 0.65 OHM - 10A TO-220/TO-220FP/D2PAK/I2PAK/TO-247 ZENER-PROTECTED SUPERMESH POWER MOSFET
|
STMicroelectronics N.V. ST Microelectronics
|
STP150NF55 STB150NF55 STW150NF55 STB150NF55T4 |
N-CHANNEL 55V - 0.005 OHM -120A D2PAK/TO-220/TO-247 STRIPFET II POWER MOSFET N-CHANNEL 55V - 0.005 OHM -120A D2PAK/TO-220/TO-247 STRIPFET II POWER MOSFET N-CHANNEL 55V - 0.005 ohm -120A D?PAK/TO-220/TO-247 STripFET⑩ II POWER MOSFET N-CHANNEL 55V - 0.005 ohm -120A DPAK/TO-220/TO-247 STripFET II POWER MOSFET N-CHANNEL 55V - 0.005 ohm -120A D2PAK/TO-220/TO-247 STripFET?/a> II POWER MOSFET N-CHANNEL 55V - 0.005 ohm -120A D2PAK/TO-220/TO-247 STripFET II POWER MOSFET N-CHANNEL 55V - 0.005 ohm -120A D??AK/TO-220/TO-247 STripFET??II POWER MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] ??????浣?
|
STP9NK70ZFP STW9NK70Z STB9NK70Z-1 STB9NK70ZFP STB9 |
N-CHANNEL 700V 1 OHM 7.5A TO-220/TO-220FP/D2PAK/I2PAK/TO-247 ZENER-PROTECTED SUPERMESH POWER MOSFET N-CHANNEL 700V 1 OHM 7.5A TO-220/TO-220FP/D2PAK/I2PAK/TO-247 ZENER-PROTECTED SUPERMESH POWER MOSFET N-CHANNEL 700V - 1ohm - 7.5A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH?Power MOSFET N-CHANNEL 700V - 1ohm - 7.5A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH⑩Power MOSFET N沟道高达700V - 1ohm - 7.5A的TO-220/FP/D2PAK/I2PAK/TO-247齐保护的SuperMESH⑩功率MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] STMicroelectronics N.V.
|
STF15NM60ND STI15NM60ND STB15NM60ND STP15NM60ND ST |
N-channel 600 V - 0.27 ヘ - 14 A - FDmesh⑩ II Power MOSFET D2PAK, I2PAK, TO-220, TO-220FP, TO-247 N-channel 600 V - 0.27 Ω - 14 A - FDmesh II Power MOSFET D2PAK, I2PAK, TO-220, TO-220FP, TO-247 N-channel 600 V - 0.27 Ω - 14 A - FDmesh?/a> II Power MOSFET D2PAK, I2PAK, TO-220, TO-220FP, TO-247 N-channel 600 V - 0.27 楼? - 14 A - FDmesh垄芒 II Power MOSFET D2PAK, I2PAK, TO-220, TO-220FP, TO-247
|
STMicroelectronics
|
STB13NK60Z05 STP13NK60Z STP13NK60ZFP STW13NK60Z ST |
N-CHANNEL 600V-0.48ヘ-13A-TO-220/FP-D?/I?PAK-TO-247 Zener-Protected SuperMESH⑩ MOSFET N-CHANNEL 600V-0.48Ω-13A-TO-220/FP-D2/I2PAK-TO-247 Zener-Protected SuperMESH?/a> MOSFET N-CHANNEL 600V-0.48Ω-13A-TO-220/FP-D2/I2PAK-TO-247 Zener-Protected SuperMESH MOSFET N-CHANNEL 600V-0.48楼?-13A-TO-220/FP-D漏梅/I漏梅PAK-TO-247 Zener-Protected SuperMESH垄芒 MOSFET
|
STMicroelectronics
|
STP19NM65N STW19NM65N STF19NM65N STI19NM65N STB19N |
N-channel 650 V - 0.25 Ω - 15.5 A - TO-220/FP-D2/I2PAK-TO-247 second generation MDmesh Power MOSFET N-channel 650 V - 0.25 Ω - 15.5 A - TO-220/FP-D2/I2PAK-TO-247 second generation MDmesh?/a> Power MOSFET N-channel 650 V - 0.25 ヘ - 15.5 A - TO-220/FP-D2/I2PAK-TO-247 second generation MDmesh⑩ Power MOSFET
|
STMicroelectronics
|
STP14NM65N STW14NM65N STB14NM65N STI14NM65N STF14N |
N-channel 650 V, 0.33 Ω, 12 A MDmesh II Power MOSFET TO-220, TO-220FP, D2PAK, I2PAK, TO-247 N-channel 650 V, 0.33 ヘ, 12 A MDmesh⑩ II Power MOSFET TO-220, TO-220FP, D2PAK, I2PAK, TO-247 N-channel 650 V, 0.33 Ω, 12 A MDmesh?/a> II Power MOSFET TO-220, TO-220FP, D2PAK, I2PAK, TO-247
|
STMicroelectronics
|